Part Number Hot Search : 
MAX1237 N4749 10A20 CMA3DC12 NJU7031 B8550 170H331B GBU6J
Product Description
Full Text Search
 

To Download APT20M19JVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT20M19JVR
200V 112A 0.019
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
S G D
S
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
* Faster Switching * Lower Leakage
* 100% Avalanche Tested * Popular SOT-227 Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT20M19JVR UNIT Volts Amps
200 112 448 30 40 500 4 -55 to 150 300 67 30
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
1300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
200 112 0.019 50 500 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5589 Rev A
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT20M19JVR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = 0.5 ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 0.6 MIN TYP MAX UNIT
9700 2250 700 330 60 150 15 40 45 9
11640 3150 1050 495 90 225 30 80 70 18
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
112 448 1.3 340 5
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL / PACKAGE CHARACTERISTICS
Symbol RJC RJA VIsolation Torque Characteristic Junction to Case Junction to Ambient RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.) Maximum Torque for Device Mounting Screws and Electrical Terminations. MIN TYP MAX UNIT C/W Volts
0.25 40 2500 13
lb*in
1 Repetitive Rating: Pulse width limited by maximum junction
temperature.
2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 0.58mH, R = 25, Peak I = 67A j G L
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.3 , THERMAL IMPEDANCE (C/W) D=0.5 0.1 0.2 0.05 0.1 0.05 0.02 0.01 SINGLE PULSE
PDM
0.01 0.005
Note:
t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
050-5589 Rev A
Z 0.001 10-5
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT20M19JVR
250 VGS=8V, 9V, 10V & 15V ID, DRAIN CURRENT (AMPERES) ID, DRAIN CURRENT (AMPERES) 200 6.5V 150 6V 100 200 9V 150 6V 100 5.5V 5V 4.5V 0 1 2 3 4 5 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 1.13
V
GS
250 VGS=15V 10V 8V
6.5V
5.5V 5V 4.5V
50
50
0 20 40 60 80 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 250 ID, DRAIN CURRENT (AMPERES) TJ = -55C TJ = +25C TJ = +125C
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
0
0
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
200
1.12
150
VGS=10V 1.11
100
1.00 VGS=20V
50
TJ = +125C TJ = +25C
TJ = -55C
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 120 ID, DRAIN CURRENT (AMPERES)
0
0.90
0
50 100 150 200 250 300 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
100 80 60 40 20
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D
1.15
1.10
1.05
1.00
0.95
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
0.90
-50
V
VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
GS
= 10V
2.0
1.1 1.0 0.9 0.8 0.7 050-5589 Rev A
1.5
1.0
0.5
0.0 -50
0.6 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
APT20M19JVR
600
OPERATION HERE LIMITED BY RDS (ON)
10S 100S C, CAPACITANCE (pF)
30,000
ID, DRAIN CURRENT (AMPERES)
100 50 1mS 10mS 100mS DC TC =+25C TJ =+150C SINGLE PULSE 10,000
Ciss
10 5
5,000
Coss
Crss
1 .5
1,000
.1
1 5 10 50 100 200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 300
500
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20 VDS=40V VDS=100V 12 VDS=160V 8
16
100 50
TJ =+150C
TJ =+25C
10 5
4
100 200 300 400 500 600 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
050-5589 Rev A
Gate
VIsolation, RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Minute) = 2500 Volts Minimum
ISOTOP(R) is a Registered Trademark of SGS Thomson. APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095
"UL Recognized" File No. E145592
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT20M19JVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X